Part Number Hot Search : 
KBJ25B X05S47 SB1545 MN101C 571007 F092011 M7403 X05S47
Product Description
Full Text Search
 

To Download 0603LS-822XGLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 0603ls (1608) document 264-1 document 264-1 revised 01/18/12 ? higher inductance values than other 0603 inductors ? ferrite construction for high current handling ? inductance values: 47 nh C 22 h; 5% and 2% tolerance 100 1000 100 1000 10000 100000 inductance (nh) 11 0 10 frequency (mhz) 8200 nh 3300 nh 1000 nh 330 nh 100 nh typical l vs frequency irms derating designers kit c347 contains 10 each of all 5% values core material ceramic/ferrite environmental rohs compliant, halogen free optional terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 4.8 C 6.2 mg ambient temperature C40c to +85c with i rms current, +85c to +100c with derated current storage temperature component: C40c to +100c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +50 to +150 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000 per 7 reel. plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing, 1.17 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. 35 30 25 20 15 10 5 0 0.1 11 0 100 frequency (mhz) q factor 8200 nh 3300 nh 1000 nh 330 nh 100 nh typical q vs frequency -40 -20 02 04 06 08 0 100 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 pe r cent of rated rms i 25c us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 264-2 document 264-2 revised 01/18/12 chip inductors C 0603ls series inductance 2 percent srf min 4 dcr max 5 i rms 6 color overall part number 1 (nh) tolerance q min 3 (mhz) (ohms) (a) code width 0603ls-47nx_l_ 47 @ 7.9 mhz 5,2 12 @ 7.9 mhz 1500 0.075 1.40 black b1 0603ls-51nx_l_ 51 @ 7.9 mhz 5,2 12 @ 7.9 mhz 1400 0.075 1.00 violet b1 0603ls-72nx_l_ 72 @ 7.9 mhz 5,2 12 @ 7.9 mhz 1400 0.12 1.40 brown b1 0603ls-101x_l_ 100 @ 7.9 mhz 5,2 12 @ 7.9 mhz 1150 0.13 1.40 red b1 0603ls-121x_l_ 120 @ 7.9 mhz 5,2 12 @ 7.9 mhz 1100 0.15 1.40 orange b1 0603ls-151x_l_ 150 @ 7.9 mhz 5,2 15 @ 7.9 mhz 1050 0.15 1.30 yellow b1 0603ls-181x_l_ 180 @ 7.9 mhz 5,2 15 @ 7.9 mhz 950 0.15 1.30 green b1 0603ls-241x_l_ 240 @ 7.9 mhz 5,2 15 @ 7.9 mhz 800 0.16 0.95 violet b1 0603ls-271x_l_ 270 @ 7.9 mhz 5,2 15 @ 7.9 mhz 775 0.30 0.71 gray b1 0603ls-331x_l_ 330 @ 7.9 mhz 5,2 15 @ 7.9 mhz 725 0.46 0.56 white b1 0603ls-391x_l_ 390 @ 7.9 mhz 5,2 15 @ 7.9 mhz 620 0.51 0.50 black b1 0603ls-471x_l_ 470 @ 7.9 mhz 5,2 15 @ 7.9 mhz 540 0.62 0.42 brown b1 0603ls-561x_l_ 560 @ 7.9 mhz 5,2 15 @ 7.9 mhz 525 0.44 0.55 red b1 0603ls-681x_l_ 680 @ 7.9 mhz 5,2 15 @ 7.9 mhz 260 0.52 0.47 orange b2 0603ls-781x_l_ 780 @ 7.9 mhz 5,2 15 @ 7.9 mhz 460 0.83 0.39 yellow b1 0603ls-821x_l_ 820 @ 7.9 mhz 5,2 15 @ 7.9 mhz 410 0.69 0.40 green b2 0603ls-102x_l_ 1000 @ 7.9 mhz 5,2 15 @ 7.9 mhz 190 0.81 0.40 blue b2 0603ls-122x_l_ 1200 @ 7.9 mhz 5,2 15 @ 7.9 mhz 160 0.87 0.37 violet b2 0603ls-152x_l_ 1500 @ 7.9 mhz 5,2 15 @ 7.9 mhz 100 0.96 0.35 gray b2 0603ls-182x_l_ 1800 @ 7.9 mhz 5,2 15 @ 7.9 mhz 80 1.1 0.35 white b2 0603ls-222x_l_ 2200 @ 7.9 mhz 5,2 15 @ 7.9 mhz 68 1.2 0.32 black b2 0603ls-272x_l_ 2700 @ 7.9 mhz 5,2 15 @ 7.9 mhz 60 1.5 0.28 brown b2 0603ls-332x_l_ 3300 @ 7.9 mhz 5,2 15 @ 7.9 mhz 42 1.5 0.28 red b2 0603ls-392x_l_ 3900 @ 7.9 mhz 5,2 15 @ 7.9 mhz 40 1.6 0.28 orange b2 0603ls-472x_l_ 4700 @ 7.9 mhz 5,2 15 @ 7.9 mhz 34 2.1 0.26 yellow b2 0603ls-562x_l_ 5600 @ 7.9 mhz 5,2 15 @ 7.9 mhz 32 2.6 0.24 green b2 0603ls-682x_l_ 6800 @ 7.9 mhz 5,2 15 @ 7.9 mhz 31 3.1 0.20 black b2 0603ls-782x_l_ 7800 @ 7.9 mhz 5,2 15 @ 7.9 mhz 28 3.5 0.20 blue b2 0603ls-822x_l_ 8200 @ 7.9 mhz 5,2 15 @ 7.9 mhz 26 3.6 0.19 violet b2 0603ls-103x_l_ 10,000 @ 2.5 mhz 5,2 12 @ 2.5 mhz 25 4.8 0.18 gray b2 0603ls-153x_l_ 15,000 @ 2.5 mhz 5,2 20 @ 2.5 mhz 23 7.1 0.17 white b2 0603ls-183x_l_ 18,000 @ 2.5 mhz 5,2 20 @ 2.5 mhz 22 7.6 0.16 brown b2 0603ls-223x_l_ 22,000 @ 2.5 mhz 5,2 22 @ 2.5 mhz 19 8.81 0.13 black b2 1. when ordering, specify tolerance, termination and packaging codes: 0603ls-822x jlc tolerance: g = 2% j = 5% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. e = halogen free component. rohs compliant silver- palladium-platinum-glass frit terminations. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. 2. inductance measured at 0.1 vrms, using coilcraft smd-a fxture in agilent/hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. q measured on agilent/hp 4395a with agilent/hp 16193 test fxture. 4. srf measured using agilent/hp 8753d network analyzer with coilcraft smd-d test fxture. 5. dcr measured on cambridge technology micro-ohmmeter. 6. current that causes a 15c temperature rise from 25c ambient. because of their open construction, these parts will not saturate. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. a b ov erall c pic k and place mater ial d te r minal wraparound: appro x 0.008/0,20 both ends i i j f f g h e ter minal recommended land p attern note: b1 = 0.040 0.004 in / 1,016 0,102 mm b2 = 0.046 0.004 in / 1,169 0,102 mm height dimension (c) is before optional solder application. for maximum height dimension including solder, add 0.006 in / 0,152 mm. a c d max b max ref e f g h i j 0.071 0.044 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches 1,80 1,12 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm see note us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of 0603LS-822XGLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X